Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download SA65CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
500 Watt Axial Leaded Transient Voltage Suppressors
RoHS
SA Series
(R)
The SA Series is designed specifically to protect sensitive electronics equipment from voltage transients induced by lightning and other transient voltage events. These devices are ideal for the protection of I/O interfaces, Vcc bus and other vulnerable circuits used in computer and consumer electronic applications.
FEATURES
* RoHS Compliant * 5.0 to 180 Volts * Uni-directional and Bi-directional * Glass passivated chip junction * 500W peak pulse power capability on 10/1000s waveform * Excellent clamping capability * Repetition rate (duty cycle): 0.01% * Low incremental surge resistance * Fast response time: typically less than 1.0ps from 0 Volts to
MAXIMUM RATINGS AND CHARACTERISTICS @25C AMBIENT TEMPERATURE (unless otherwise noted)
RATING Peak Pulse Power Dissipation on 10/1000s waveform(Note 1, FIG. 1) Peak Pulse Current of on 10/1000s waveform (Note 1, FIG. 3) Steady State Power Dissipation at TL=75C, Lead lengths .375", (9.5mm)(Note 2) Peak Forward Surge Current, 8.3ms 70 Single Half Sine-Wave Superimposed IFSM on Rated Load, (JEDEC Method) (Note 3) Operating junction and Storage Tj, TSTG -55 to +175 Temperature Range Amps SYMBOL PPPM IPPM VALUE Min 500 SEE TABLE 1 3 UNIT Watts
BV for unidirectional and 5.0ns for bidirectional types
* Typical IR less than 1A above 10V * High temperature soldering guaranteed: 265C/10
seconds/.375",(9.5mm) lead length, 5lbs.,(2.3kg) tension
Amps Watts
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
PM(AV)
Agency File Number: E128662
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA= 25C per Fig.2 2. Mounted on Copper Pad area of 1.6x1.6"(40x40mm) per Fig.5. 3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minutes maximum.
ORDERING INFORMATION
SA CA
Voltage Bi-Directional 5% Voltage Tolerance Packing Option
Mechanical Specifications:
Weight: Case: Mounting Position: Polarity: Terminal:
0.015 ounce, 0.4 gram JEDEC DO-15 Molded Plastic over passivated junction Any Color band denotes cathode except Bidirectional Plated Axial leads, solderable per MIL-STD-750, Method 2026
B = Bulk (1000 pcs) T = Tape and reeled (4000 pcs)
286
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
500 Watt Axial Leaded Transient Voltage Suppressors
RoHS
SA Series
Part Numbers Reverse Stand off Voltage VR (Volts) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0 Breakdown Voltage VBR (Volts) @ IT MIN 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 200.00 MAX 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 233.00 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Test Current IT (mA) Maximum Clamping Voltage VC @ IPP (Volts) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 289.0 Maximum Peak Pulse Current IPP (A) 55.4 49.5 45.5 42.5 39.5 37.5 35.4 33.1 30.0 28.0 25.6 23.7 22.0 20.9 19.6 18.5 17.5 15.7 14.4 13.1 12.1 11.2 10.5 9.6 8.8 7.9 7.3 7.0 6.6 6.2 5.9 5.4 5.3 5.0 4.5 4.2 4.0 3.7 3.5 3.1 2.9 2.6 2.4 2.1 2.0 1.9 1.7 Maximum Reverse Leakage IR @ VR (A) 600 600 400 150 50 25 10 5 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
(R)
ELECTRICAL SPECIFICATION @ Tamb 25C
Uni-Polar SA5.0A SA6.0A SA6.5A SA7.0A SA7.5A SA8.0A SA8.5A SA9.0A SA10A SA11A SA12A SA13A SA14A SA15A SA16A SA17A SA18A SA20A SA22A SA24A SA26A SA28A SA30A SA33A SA36A SA40A SA43A SA45A SA48A SA51A SA54A SA58A SA60A SA64A SA70A SA75A SA78A SA85A SA90A SA100A SA110A SA120A SA130A SA150A SA160A SA170A SA180A
Bi-Polar SA5.0CA SA6.0CA SA6.5CA SA7.0CA SA7.5CA SA8.0CA SA8.5CA SA9.0CA SA10CA SA11CA SA12CA SA13CA SA14CA SA15CA SA16CA SA17CA SA18CA SA20CA SA22CA SA24CA SA26CA SA28CA SA30CA SA33CA SA36CA SA40CA SA43CA SA45CA SA48CA SA51CA SA54CA SA58CA SA60CA SA64CA SA70CA SA75CA SA78CA SA85CA SA90CA SA100CA SA110CA SA120CA SA130CA SA150CA SA160CA SA170CA SA180CA
6
SILICON DIODE ARRAYS
287
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
500 Watt Axial Leaded Transient Voltage Suppressors
RoHS
SA Series
30
Non-repetitive Pulse Waveform Shown in Fig. 3 TA=25C
(R)
10
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
PPPM- Peak Pulse Power (KW)
75
Exponential
50
1
P P P
Td Td
Half SINE
25
Td
Square
0.1 0.1s
1.0s
10s
0 0 25 50 75 100 125 150 175 200
TA- Ambient Temperature (C)
100s
1.0ms
10ms
td- Pulse Width (sec.)
Fig. 1 Peak Pulse Power Rating Curve
150
IPPM- Peak Pulse Current, % I RSM tr=10sec Peak Value IPPM
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Fig. 2 Pulse Derating Curve
6000
CJ-Junction Capacitance (pF)
Uni-Directional Bi-Directional
1000
VR=
100
TJ=25C f=1MHZ Vsig=50mVp-p
Half Value IPPM 2
100
VR=Rated Stand-Off Voltage
50
10/1000sec. Waveform as defined by R.E.A
td
0 0
10 1.0 2.0
t-Time (ms)
3.0
4.0
5
100
VWM-Reverse Stand-Off Voltage (V)
500
Fig. 3 Pulse Waveform
4.0
IPSM-Peak Forward Surge Current (A)
Steady State Power Dissipation (W)
Fig. 4- Typical Junction Capacitance
200
8.3 Single Half Sine-Wave (JEDEC Method) Undirectional Only
3.0
L=0.375"(9.5mm) Lead Lengths
100
2.0
1.0
1.6x1.6x.040 (40x40x1mm) Copper Heat Sinks
0 0
25
50
75
100 125 150 175 200
10 1
10
Number of Cycles at 60Hz
100
T1- Lead Temperature (C)
Fig. 5 Steady State Power Derating Curve
288
Fig. 6- Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
500 Watt Axial Leaded Transient Voltage Suppressors
RoHS
SA Series
(R)
Outline Dimensions
DO-204AC (DO-15)
6
SILICON DIODE ARRAYS
1.0 (25.4) MIN. 0.140 (3.6) 0.104 (2.6) DIA. 0.300 (7.6) 0.230 (5.8)
0.034 (0.86) 0.028 (0.71) DIA.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
w w w. l i t t e l f u s e . c o m
289


▲Up To Search▲   

 
Price & Availability of SA65CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X